Part Number Hot Search : 
1SMB36A 1N6268A AB019B MB100 KA388 31000 5A222G 5Z8V2
Product Description
Full Text Search
 

To Download RP15-2415SF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features

2:1 Wide Input Voltage Range 15 Watts Output Power 1.6kVDC Isolation Fixed Operating Frequency Six-Sided Continuous Shield International Safety Standard Approvals UL 1950 Component Recognized Standard 50.8 x25.4x10.2mm Package Efficiency to 88%
POWERLINE
DC/DC-Converter
RP15S_DF Series
15 Watt 2" x 1" Package Single & Dual Output
Selection Guide 12V, 24V and 48V Input Types
Part Number Input Range VDC 9-18 9-18 9-18 9-18 18-36 18-36 18-36 18-36 36-75 36-75 36-75 36-75 9-18 9-18 9-18 18-36 18-36 18-36 36-75 36-75 36-75 Output Voltage VDC 3.3 5 12 15 3.3 5 12 15 3.3 5 12 15 5 12 15 5 12 15 5 12 15 Output Current mA 4000 3000 1250 1000 4000 3000 1250 1000 4000 3000 1250 1000 1500 625 500 1500 625 500 1500 625 500 Input (4) Current mA 1467 1603 1524 1524 724 781 772 772 357 396 377 381 1582 1524 1563 781 762 762 386 372 377 Efficiency(5) % 79 82 86 86 80 84 85 85 81 83 87 86 83 86 84 84 86 86 85 88 87 Capacitive(6) Load max. F 10200 7050 1035 705 10200 7050 1035 705 10200 7050 1035 705 1020 495 165 1020 495 165 1020 495 165
RP15-123.3SF RP15-1205SF RP15-1212SF RP15-1215SF RP15-243.3SF RP15-2405SF RP15-2412SF RP15-2415SF RP15-483.3SF RP15-4805SF RP15-4812SF RP15-4815SF RP15-1205DF RP15-1212DF RP15-1215DF RP15-2405DF RP15-2412DF RP15-2415DF RP15-4805DF RP15-4812DF RP15-4815DF
Description
The F-Series of DC/DC Converters are fully certified to EN 60950: 2000. This makes them ideal for all Telecom and safety applications where approved isolation is required. They also meet UL 1950 and CSA 950 standards.
220
April-2005
www.recom-international.com
POWERLINE
DC/DC-Converter
RP15-S_DF Series
RP15-4805SF With Heat Sink
125 100
Derating-Graph (Ambient Temperature)
RP15-4805SF
125 100 75 Output Power (%) 50 25 50 60 70 Ambient Temperature Range (C) 0 -40 -25 -10 0 80 90 100
Output Power (%)
Natural Convection
75 50 25
Natural Convection
0 -40 -25 -10 0
50 60
Ambient Temperature Range (C)
70
80 90 100
Derating graphes are valid only for the shown part numbers. If you need detailed derating-information about a part-number not shown here please contact our technical customer service at info@recom-development.at
Typical Characteristics
RP15-4805SF
Efficiency VS Input Voltage
83 82 81 80 79 78 77 76 75 74 73 36
RP15-4805SF
Efficiency VS Output load
83 82 81 80 79 78 77 76 70 65 50 0.5
Efficiency (%)
Efficiency (%)
40
45
50
55
60
65
70
75
1
1.5
2
2.5
3
Input Voltage (V)
Output Load (A)
Specifications (typical at nominal input and 25C unless otherwise noted)
Input Voltage Range 12V nominal input 24V nominal input 48V nominal input 9-18VDC 18-36VDC 36-75VDC Pi Type 12V Input 24V Input 48V Input 36VDC 50VDC 100VDC 20mAp-p 20ms typ. DC-DC ON DC-DC OFF (Negative logic) Remote OFF input current Output Power DC-DC ON DC-DC OFF Nominal input Open or 3.5V < Vr < 12V Short or 0V < Vr < 1.2V Short or 0V < Vr < 1.2V Open or 3.5V < Vr < 12V 2.5mA 15W max. continued on next page www.recom-international.com April-2005 221
Input Filter Input Surge Voltage (100 ms max.)
Input Reflected Ripple (nominal Vin and full load) Start Up Time (nominal Vin and constant resistor load) Remote ON/OFF (see note 7) (Positive logic)
POWERLINE
DC/DC-Converter
Specifications (typical at nominal input and 25C unless otherwise noted)
Output Voltage Accuracy (full Load and nominal Vin) Minimum Load (see Note 1) Line Regulation (LL-HL at full load) Load Regulation (25% to 100% FL) Cross Regulation (asymmetrical load 25%/100% FL) Ripple and Noise (20MHz bandwith) Single Dual Temperature Coefficient Transient Response (25% load step change) Over Voltage Protection Zener diode clamp (only single) 3.3V 5V 12V 15V Single Dual
RP15-S_DF Series
1% 10% of FL 1% 1% 2% 5% 50mVp-p 75mVp-p 0.02%/C, max. 500S 3.9V 6.2V 15V 18V 150% typ Hiccup, automatic recovery see Selection Guide" table 1.600VDC min. 109 min. 300pF max. Single Dual 500kHz typ. 300kHz typ. UL 1950, EN60950 -40C to +85C(with derating) +100C -55C to +105C Natural convection Natural convection with Heat Sink 12C/Watt 10C/Watt MIL-STD-810D 10-55Hz, 2G, 30 Min. along X, Y and Z 5% to 95% RH Nickel-Coated copper Non-conductive black plastic Epoxy (UL94-V0) EN55022 EN55022 EN61000-4-2 EN61000-4-3 EN61000-4-4 EN61000-4-5 EN61000-4-6 Level A Level A Perf. Criteria 2 Perf. Criteria 2 Perf. Criteria 2 Perf. Criteria 2 Perf. Criteria 2 continued on next page
Over Load Protection (% of full load at nominal Vin) Short Circuit Protection Efficiency Isolation Voltage Isolation Resistance Isolation Capacitance Operating Frequency
Approved to Safety Standards Operating Temperature Range Maximum Case Temperature Storage Temperature Range Thermal Impedance
Thermal Shock Vibration Relative Humidity Case Material Base Material Potting Material Conducted Emissions Radiated Emissions ESD Radiated Immunity Fast Transient Surge Conducted Immunity
222
April-2005
www.recom-international.com
POWERLINE
DC/DC-Converter
Specifications (typical at nominal input and 25C unless otherwise noted)
Weight Dimensions MTBF (see note 2)
RP15-S_DF Series
27g 50.8 x 25.4 x 10.2mm 2.041 x 106 Hours
Notes :
1. The RP15 series requires a minimum of 10% loading on the output to maintain specified regulation. Operation under no-load condition will not damage these devices, however they may not meet all listed specification. 2. BELLCORE TR-NWT-000332. Case l: 50% Stress, Temperature at 40C (Ground fixed and controlled environment). 3. Simulated source impedance of 12uH. 12uH inductor in series with +Vin. 4. Maximum value at nominal input voltage and full load of standard type. 5. Typical value at nominal input voltage and full load. 6. Test by minimum Vin and constant resistor load. 7. The ON/OFF control function can be positive or negative logic. The pin voltage is referenced to negative input. Positive logic ON/OFF is standard, no suffix (Ex. RP15-2405SF) Negative logic ON/OFF is marked with suffix-N (Ex. RP15-2405SF/N). 8. Heat sink is optional and P/N: 7G-0020A. 9. See application notes for EMI-filtering.
Package Style and Pinning (mm)
3rd angle projection
50.80
25.40 10.20
dia. 1.0 15.20 20.30
5.6 2.50 5.10
Pin Connections
3 1 2 6
Bottom View
10.20
4
10.20
5
12.70
Pin # 1 2 3 4 5 6
Single +Vin -Vin +Vout No Pin -Vout CTRL
Dual +Vin -Vin +Vout Com -Vout CTRL
Pin Pitch Tolerance 0.35 mm
www.recom-international.com
April-2005
223


▲Up To Search▲   

 
Price & Availability of RP15-2415SF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X